Part Number Hot Search : 
MM1245CD RB715S3 DS1318 11EFS2 KTC4527F F10020 LTPBY 2SC5148
Product Description
Full Text Search
 

To Download BF961 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF961
Vishay Semiconductors
N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Features
* * * * * * Integrated gate protection diodes High cross modulation performance Low noise figure High AGC-range Low feedback capacitance Low input capacitance
2
3 4
1
G2 G1
D
S
Applications
Input- and mixer stages especially for FM- and VHF TV-tuners up to 300 MHz.
Electrostatic sensitive device. Observe precautions for handling.
13625
Mechanical Data
Case: TO-50 Plastic case Weight: approx. 124 mg Marking: BF961 Pinning: 1 = Drain, 2 = Source, 3 = Gate 1, 4 = Gate 2
Parts Table
Part BF961 BF961A BF961B Ordering Ccode BF961A or BF961B BF961A BF961B BF961 BF961 BF961 Marking TO50 TO50 TO50 Package
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Drain - source voltage Drain current Gate 1/Gate 2 - source peak current Total power dissipation Channel temperature Storage temperature range Tamb 60 C Test condition Symbol VDS ID IG1/G2SM Ptot TCh Tstg Value 20 30 10 200 150 - 55 to + 150 Unit V mA mA mW C C
Maximum Thermal Resistance
Parameter Channel ambient
1) 1)
Test condition
Symbol RthChA
Value 450
Unit K/W
on glass fibre printed board (40 x 25 x 1.5) mm3 plated with 35 m Cu www.vishay.com 1
Document Number 85002 Rev. 1.5, 25-Nov-04
BF961
Vishay Semiconductors Electrical DC Characteristics
Tamb = 25 C, unless otherwise specified Parameter Drain - source breakdown voltage Gate 1 - source breakdown voltage Gate 2 - source breakdown voltage Test condition ID = 10 A, - VG1S = - VG2S = 4 V IG1S = 10 mA, VG2S = VDS = 0 IG2S = 10 mA, VG1S = VDS = 0 Part Symbol V(BR)DS V(BR)G1SS V(BR)G2SS IG1SS IG2SS IDSS IDSS IDSS - VG1S(OFF) - VG2S(OFF) 4 4 9.5 BF961A BF961B Gate 1 - source cut-off voltage Gate 2 - source cut-off voltage VDS = 15 V, VG2S = 4 V, ID = 20 A VDS = 15 V, VG1S = 0, ID = 20 A Min 20 8 8 Typ.
VISHAY
Max
Unit V
14 14 100 100 20 10.5 20 3.5 3.5
V V nA nA mA mA mA V V
Gate 1 - source leakage current VG1S = 5 V, VG2S = VDS = 0 Gate 2 - source leakage current VG2S = 5 V, VG1S = VDS = 0 Drain current VDS = 15 V, VG1S = 0, VG2S = 4 V BF961
Electrical AC Characteristics
Tamb = 25 C, unless otherwise specified VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz Parameter Forward transadmittance Gate 1 input capacitance Gate 2 input capacitance Feedback capacitance Output capacitance Power gain AGC range Noise figure GS = 2 mS, GL = 0.5 mS, f = 200 MHz VG2S = 4 to - 2 V, f = 200 MHz GS = 2 mS, GL = 0.5 mS, f = 200 MHz VG1S = 0, VG2S = 4 V Test condition Symbol | y21s | Cissg1 Cissg2 Crss Coss Gps Gps F Min 12 Typ. 15 3.7 1.6 25 1.6 20 50 1.8 2.5 Max Unit mS pF pF fF pF dB dB dB
Typical Characteristics (Tamb = 25 C unless otherwise specified)
300 250
ID - Drain Current ( mA)
Ptot -Total Power Dissipation ( mW )
22 20 18 16 14 12 10 8 6 4 2 0 0 20 40 60 80 100 120 140 160
96 12160
V G1S = 0.6 V 0.4 V 0.2 V 0 -0.2 V -0.4 V -0.6 V -0.8 V 0 2 4 6 8 10 12 14 16 18 20 22 24 V DS - Drain Source Voltage ( V )
200 150 100 50 0 Tamb - Ambient Temperature ( C )
96 12159
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 2. Drain Current vs. Drain Source Voltage
www.vishay.com 2
Document Number 85002 Rev. 1.5, 25-Nov-04
VISHAY
BF961
Vishay Semiconductors
24 22 20 18 16 14 12 10 8 6 4 2 0 -2
Cissg2 - Gate 2 Input Capacitance ( pF )
Y21S - ForwardTransadmittance ( mS )
4.0 3.6 3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0.0 -2 -1 0 12 34 56 7 V G2S - Gate 2 Source Voltage ( V ) V DS = 15 V V G1S = 0 f = 1 MHz
V DS = 15 V I DS = 10 mA
V G1S = 0.5 V 0V
-0.5 V
96 12161
-1 0 1 2 3 4 5 6 V G2S - Gate 2 Source Voltage ( V )
96 12164
Figure 3. Forward Transadmittance vs. Gate 2 Source Voltage
Figure 6. Gate 2 Input Capacitance vs. Gate 2 Source Voltage
Y21S - ForwardTransadmittance ( mS )
20 18 16 14 12 10 8 6 4 2
V DS = 15 V f = 1 MHz
Coss - Output Capacitance ( pF )
22 V G2S = 5 V
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 2 4 6 8 10 12 14 16 18 20 22 V G2S = 4 V f = 1 MHz
4V 0V 3V 2V 1V
0 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 2.5 3 3.5 V G1S - Gate 1 Source Voltage ( V )
96 12162
96 12165
V DS - Drain Source V oltage ( V )
Figure 4. Forward Transadmittance vs. Gate 1 Source Voltage
Figure 7. Output Capacitance vs. Drain Source Voltage
Cissg1 - Gate 1 Input Capacitance ( pF )
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 V DS = 15 V V G2S = 4 V f = 1 MHz
18 16 14
Im ( y11) ( mS )
f =700 MHz 600 MHz 500 MHz 400 MHz
12 10 8 6 4 2 0 0 1 2 3 4 300 MHz 200 MHz 100 MHz
V DS = 15 V V G2S = 4 V I D = 5...20 mA f = 50...700 MHz 5 6 7 8 9 10
0.0 -2.0-1.5-1.0-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 96 12163 V G1S - Gate 1 Source Voltage ( V )
96 12166
Re (y 11) ( mS )
Figure 5. Gate 1 Input Capacitance vs. Gate 1 Source Voltage
Figure 8. Short Circuit Input Admittance
Document Number 85002 Rev. 1.5, 25-Nov-04
www.vishay.com 3
BF961
Vishay Semiconductors
VISHAY
10 5 0
Im ( y 21 ) ( mS )
V DS = 15 V V G2S = 4 V f = 50...700 MHz I D = 5 mA 10 mA 20 mA
f = 50 MHz 100 MHz 200 MHz 300 MHz
-5 -10 -15 -20 -25
400 MHz 500 MHz 600 MHz 700 MHz
-30 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28
96 12167
Re (y 21) ( mS )
Figure 9. Short Circuit Forward Transfer Admittance
7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.0
f = 700 MHz 600 MHz 500 MHz 400 MHz 300 MHz 200 MHz 100 MHz 0.2 0.4 0.6 I D = 20 mA V DS = 15 V V G2S = 4 V I D = 5...20 mA f = 50...700 MHz 0.8 1.0 1.2 1.4
Im ( y22 ) ( mS )
I D = 5 mA
96 12168
Re (y 22 ) ( mS )
Figure 10. Short Circuit Output Admittance
www.vishay.com 4
Document Number 85002 Rev. 1.5, 25-Nov-04
VISHAY
VDS = 15 V, ID = 5 to 20 mA, VG2S = 4 V, Z0 = 50 S11
j j0.5 j2 150 j0.2 j5 300 180 700 MHz 600 0.04 0.08 30
BF961
Vishay Semiconductors
S12
90 120 60
0
0.2
0.5
1
2
5 100
50
0
-j0.2
700 MHz -j0.5
500
300 -j2
-j5
-150
-30
-120
12921
-60 -90
12920
-j
Figure 11. Input Reflection Coefficient
Figure 13. Reverse Transmission Coefficient
S21
ID= 20 mA ID= 10 mA ID= 5 mA 200 50 180 700MHz 0.8 1.6 0 400 30 90 120 60
S22
j j0.5 j2
j0.2
j5 i 100 300 500 -j5 700 MHz 2 5 -j2 -j
0
0.2
0.5
1
-150
-30
-j0.2
-120
12922
-60 -90
12923
-j0.5
Figure 12. Forward Transmission Coefficient
Figure 14. Output Reflection Coefficient
Document Number 85002 Rev. 1.5, 25-Nov-04
www.vishay.com 5
BF961
Vishay Semiconductors Package Dimensions in mm
VISHAY
96 12242
www.vishay.com 6
Document Number 85002 Rev. 1.5, 25-Nov-04
VISHAY
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
BF961
Vishay Semiconductors
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 85002 Rev. 1.5, 25-Nov-04
www.vishay.com 7


▲Up To Search▲   

 
Price & Availability of BF961

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X